PART |
Description |
Maker |
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
1786580000 1786560000 0298360000 1749170000 029846 |
PCB Terminal; Number of Positions:2; Pitch Spacing:7.62"; Wire Size (AWG):10-26; Mounting Type:PCB; Number of Rows:1 MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm2, Pitch: 7.62 mm, No. of poles: 2, 180°, Box
|
Weidmuller, Corp.
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
Z2.302.0421.0 |
Terminal Block Ground Block; No. of Positions:1; Wire Size (AWG):2/0-6; Mounting Type:DIN Rail; Color:Yellow/Green MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
39357-0002 39357-0003 39357-0004 39357-0005 39357- |
Terminal Block; Number of Positions:2; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon) 6/6; Color:Black; Current Rating:17.5A; Gender:Header; Number of Contacts:2 Terminal Block; No. of Positions:8; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon) 6/6; Color:Black; Current Rating:17.5A; Gender:Header; No. of Contacts:8; No. of Rows:1 RoHS Compliant: Yes 3.50mm (.138? Pitch 35 Series Beau? Eurostyle? Fixed Terminal Blocks 3.50mm (.138隆卤) Pitch 35 Series Beau垄莽 Eurostyle垄莽 Fixed Terminal Blocks
|
MOLEX INC Molex Electronics Ltd.
|
19131-0031 19131-0044 19129-0050 19131-0041 19139- |
191310031 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2109-04 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE ON TAPE (AA-1118-0 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2118-06 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE AVIKRIMP (BB-8781-08) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP (BB-2781-08X) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE TAPED (AA-1109-02T BLOCK SPADE AVIKRIMP TAPED (AA-834-06T) BLOCK SPADE KRIMPTITE (AA-134-08) BLOCK SPADE VERSAKRIMP (BB-3781-10) 191470063 BLOCK SPADE VERSAKRIMP (BB-3471-06) SPADE VERSAKRIMP (AA-334-10) SPADE VERSAKRIMP TAPED (AA-338-06T) BLOCK SPADE VERSAKRIMP (BB-3471-04) BLOCK SPADE VERSAKRIMP (C-3105-10)
|
Molex, Inc. MOLEX INC
|
25.352.4353.0 25.350.4153.0 99.213.9996.2 25.352.3 |
Terminal Block; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Strip; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes PCB PIN STRIP 8213 S / 12 W OB GR OF RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
2-796410-0 1-796410-1 2-796410-1 1-796410-3 1-7964 |
10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
|
Tyco Electronics
|
|